Part Number Hot Search : 
CV123PVG ER206 2N6058 AD630AD LT1016M CD407 ZPY62 RV4558JG
Product Description
Full Text Search
 

To Download BYS459F-1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYS459-1500, BYS459F-1500, BYS459B-1500
New Product
Vishay Semiconductors
formerly General Semiconductor
Reverse Voltage 1500V Forward Current 6.5A Reverse Recovery Time 350ns
High Voltage Damper Diodes
ITO-220AC (BYS459F)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.185 (4.70) 0.175 (4.44) 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 2 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
CASE
TO-220AC (BYS459)
0.415 (10.54) MAX. DIA. 0.140 (3.56) DIA. 0.130 (3.30)
0.131 (3.39) DIA. 0.122 (3.08)
0.055 (1.39) 0.045 (1.14)
0.600 (15.5) 0.580 (14.5)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
PIN 1 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.603 (15.32) 0.573 (14.55)
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52)
PIN 1 PIN 2
0.110 (2.80) 0.100 (2.54)
PIN 1 PIN 2
0.205 (5.20) 0.195 (4.95)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36)
TO-263AB (BYS459B)
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 1 K 2 0.624 (15.85) 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.027 (0.686) 0.037 (0.940)
PIN 1 PIN 2 K - HEATSINK
0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.33 (8.38) 0.63 (17.02)
0.360 (9.14) 0.320 (8.13)
Dimensions in inches and (millimeters)
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.105 (2.67)
0.12 (3.05)
0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
Features
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited CRT horizontal deflection * Fast reverse recovery time * Fast forward recovery time * High temperature soldering in accordance with CECC 802 / Reflow guaranteed * Glass passivated chip junction
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
Document Number 88550 25-Jul-02
www.vishay.com 1
BYS459-1500, BYS459F-1500, BYS459B-1500
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TA = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV) IF(Peak) IFSM TJ, TSTG VISOL
Value 1500 1300 1500 6.5 12 130 -55 to +150 4500 3500(2) 1500(3)
(1)
Unit V V V A A A C V
Maximum repetitive peak reverse voltage Maximum working reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Peak working forward current at f = 48kHZ Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TJ = 150C Operating junction and storage temperature range RMS Isolation voltage (BYS459F types only) from terminals to heatsink with t = 1.0 second, RH 30%
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage(4) IF = 6.5A, TJ = 25C IF = 6.5A, TJ = 125C TJ = 25C TJ = 125C Symbol VF IR Value 1.3 1.2 250 1.0 350 3.0 250 20 Unit V A mA ns C ns V
Maximum DC reverse current at VRWM Maximum reverse recovery time at IF = 1.0A, di/dt = 50A/s, VR = 30V Maximum reverse recovery charge at IF = 2.0A, -di/dt = 20A/s Maximum forward recovery time IF = 6.5A, di/dt = 52A/s Peak forward recovery overshoot voltage IF = 6.5A, di/dt = 52A/s
trr Qrr tfr VFP
Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter Typical thermal resistance from junction to ambient Symbol RJA BYS459 60 BYS459F 55 BYS459B 60 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
www.vishay.com 2
Document Number 88550 25-Jul-02
BYS459-1500, BYS459F-1500, BYS459B-1500
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
12 Peak Forward Surge Current (A) Average Forward Current (A) 10 8
BYS459F-1500 BYS459-1500 BYS459B-1500 140 120 100 80 60 40 20 0 50 75 100 125 150 175 1 10 100
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
6 4 2 0
25
Tc - Case Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Forward Voltage
IF Instantaneous Forward Current (A)
TJ = 125C 10
Fig. 4 - Typical Reverse Current
Instantaneous Reverse Current (A)
1000 TJ = 125C
100
100
10
TJ = 100C
TJ = 25C 1
1
0.1
TJ = 25C
0.1 0 0.5 1.0 1.5 2.0 2.5
0.01 0 200 400 600 800 1000 1200 1400 1600
VF Instantaneous Voltage (V)
VR Reverse Voltage (V)
Fig. 5 - Typical Capacitance
1000 450
Fig. 6 - Typical Reverse Recovery Time
trr, Reverse Recovery Time (ns)
400 350 300 250 200 di/dt = 100A/s 150 100 50 0 di/dt = 50A/s
Junction Capacitance (pF)
100
10
1 0.1 1 10 100
0
2
4
6
8
10
12
VR, Reverse Voltage (V) Document Number 88550 25-Jul-02
IF, Forward Current (A) www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of BYS459F-1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X